Part Number Hot Search : 
SC864910 N1053 E004712 C011302S FMMD6050 Z5240 EPI3L914 2F8718DS
Product Description
Full Text Search
 

To Download 2SC4026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC4026
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
0.70.1 10.00.2 5.50.2 2.70.2 4.20.2
Unit: mm
4.20.2
s Features
q q q q q
High-speed switching High collector to base voltage VCBO Wide area of safe operation (ASO) Satisfactory linearity of foward current transfer ratio hFE Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 500 500 400 7 10 5 1.5 35 2 150 -55 to +150 Unit V V V V A A A W C C
7.50.2
16.70.3
3.10.1
4.0
1.40.1
1.30.2
14.00.5
Solder Dip
0.5 +0.2 -0.1 0.80.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
2.540.25 5.080.5 1 2 3
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 500V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 2A IC = 2A, IB = 0.4A IC = 2A, IB = 0.4A VCE = 10V, IC = 0.5A, f = 1MHz IC = 2A, IB1 = 0.4A, IB2 = - 0.8A, VCC = 150V 5 0.7 2.0 0.3 400 15 8 1.0 1.5 V V MHz s s s min typ max 100 100 Unit A A V
1
Power Transistors
PC -- Ta
60 6 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C IB=700mA 5 600mA 500mA 400mA 300mA 200mA 150mA 100mA
2SC4026
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 1 0.3 0.1 0.03
VCE(sat) -- IC
Collector power dissipation PC (W)
50
40 (1) 30
Collector current IC (A)
4
3
20 (2) (3) 0 0 20 40 60 80 100 120 140 160 (4)
2
50mA 1 20mA 0 0 2 4 6 8 10 12
10
TC=-25C 25C 100C
0.01 0.01 0.03
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=5 1000 VCE=5V 100
fT -- IC
VCE=10V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
30
300
Transition frequency fT (MHz)
1 3 10
30
10
100
TC=100C
10
3
30 25C 10 -25C
3
1
TC=-25C 100C
1
0.3
25C
3
0.3
0.1 0.01 0.03
0.1
0.3
1
3
10
1 0.01 0.03
0.1
0.3
0.1 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (2IB1=-IB2) VCC=200V TC=25C tstg ton 0.3 0.1 0.03 tf
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C ICP IC 10ms DC t=0.5ms 1ms
Collector output capacitance Cob (pF)
Switching time ton,tstg,tf (s)
300
Collector current IC (A)
8
10 3 1
10 3 1 0.3 0.1 0.03 0.01
100
30
10
3
1 1 3 10 30 100
0.01 0 1 2 3 4 5 6 7
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
8 7 Lcoil=200H IC/IB1=5 (IB1=-IB2) TC=25C
2SC4026
Reverse bias ASO measuring circuit
L coil IB1 T.U.T IC
Collector current IC (A)
6 5 4 3 2 1 0 0 100 200 300 400 500 600 700 800 IC
Vin
-IB2
VCC
tW
Vclamp
Collector to emitter voltage VCE (V)
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.3A (3W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
Thermal resistance Rth(t) (C/W)
1000
100
(1)
10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC4026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X